PART |
Description |
Maker |
HD4043312 |
(HD404339 Series) 4-bit HMCS400-Series microcomputer
|
Hitachi Semiconductor
|
HD404448 |
4-bit HMCS400-Series microcomputer(4浣????井璁$???
|
Hitachi,Ltd.
|
HD4074459H HD404459H HD4074459 HD404459 HD404458 H |
4-bit HMCS400-series microcomputers
|
RENESAS[Renesas Electronics Corporation]
|
HD404354 HD404354H HD404354S HD404356 HD404356H HD |
4-bit HMCS400-Series microcomputer
|
HITACHI[Hitachi Semiconductor]
|
HD407A4369F HD407A4369H HD407A4369S HD404369 HD40A |
4-bit HMCS400-Series microcomputer From old datasheet system
|
HITACHI[Hitachi Semiconductor]
|
HD404368 |
4-bit HMCS400-Series microcomputer(4位单片微计算 4位HMCS400系列微机位单片微计算机)
|
Hitachi,Ltd.
|
HD4043312 HD4043312FS HD4043312S HD404334 HD404334 |
4-bit HMCS400-Series microcomputer with large-capacity memory
|
HITACHI[Hitachi Semiconductor]
|
HD4043612S HD40A4368F HD40A43612S HD4043612 HD4043 |
H43XX Family Microcomputers 4-bit HMCS400-Series microcomputer
|
Hitachi Semiconductor
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
AD1861R-J-REEL7 AD1851R-REEL7 AD1851RZ-J AD1851R-J |
16-Bit/18-Bit, 16 X Fs PCM Audio DACs 16-Bit/18-Bit6 X Fs的PCM音频数模转换 16-Bit/18-Bit/ 16 X Fs PCM Audio DACs LBS Series Full Extension Ball Bearing Slide, with Lock Out RoHS Compliant: Yes CONNECTOR ACCESSORY 16-Bit/18-Bit, 16 3 FS PCM Audio DACs
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
74FST3126 74FST3126D 74FST3126DR2 74FST3126DT 74FS |
4-Bit Bus Switch CBT/FST/QS/5C/B SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO16 ADAPTERS, COAX; FME JACK TO MINI UHF FEMALE COAXIAL ADAPTER 4位总线开 4-Bit Bus Switch CBT/FST/QS/5C/B SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
ONSEMI[ON Semiconductor]
|